Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download IRF7464 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 93895
SMPS MOSFET
Applications l High frequency DC-DC converters
IRF7464
HEXFET(R) Power MOSFET
VDSS
200V
RDS(on) max
0.73
ID
1.2A
Benefits Low Gate to Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
l
S S S G
1
8 7
A A D D D D
2
3
6
4
5
T o p V ie w
SO-8
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
1.2 1.0 10 2.5 0.02 30 6.8 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V V/ns C
Typical SMPS Topologies
l
Telecom 48V input Forward Converter
Notes through are on page 8
www.irf.com
1
4/25/00
IRF7464
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 200 --- --- 3.0 --- --- --- --- Typ. --- 0.23 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.73 VGS = 10V, ID = 0.72A 5.5 V VDS = VGS, ID = 250A 25 VDS = 200V, VGS = 0V A 250 VDS = 160V, VGS = 0V, TJ = 125C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 1.1 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 9.5 2.5 4.6 11 9.5 18 15 280 52 14 330 25 48 Max. Units Conditions --- S VDS = 50V, ID = 0.72A 14 ID = 0.72A 3.8 nC VDS = 160V 6.9 VGS = 10V, --- VDD = 100V --- ID = 0.72A ns --- RG = 24 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 160V, = 1.0MHz --- VGS = 0V, VDS = 0V to 160V
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
68 1.2 0.25
Units
mJ A mJ
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Typ.
---
Max.
50
Units
C/W
Diode Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 60 130 2.3 A 10 1.3 90 200 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 0.72A, VGS = 0V TJ = 25C, IF = 0.72A di/dt = 100A/s
D
S
2
www.irf.com
IRF7464
10
VGS 15V 10V 9.0V 8.0V 7.5V 7.0V 6.5V BOTTOM 6.0V TOP
10
I D , Drain-to-Source Current (A)
1
I D , Drain-to-Source Current (A)
VGS 15V 10V 9.0V 8.0V 7.5V 7.0V 6.5V BOTTOM 6.0V TOP
6.0V
1
6.0V
0.1
0.01 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
10
3.0
I D , Drain-to-Source Current (A)
TJ = 150 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 1.2A
2.5
2.0
TJ = 25 C
1
1.5
1.0
0.5
0.1 6.0
V DS = 50V 20s PULSE WIDTH 6.5 7.0 7.5 8.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7464
10000 20 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
ID = 0.72A VDS = 160V VDS = 100V VDS = 40V
VGS , Gate-to-Source Voltage (V)
16
1000
C, Capacitance(pF)
Ciss
100
12
Coss
10
8
Crss
4
1 1 10 100 1000
0 0 2 4 6
FOR TEST CIRCUIT SEE FIGURE 13
8 10 12 14
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
10
100
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
TJ = 150 C
I D , Drain Current (A)
10 10us
1
100us 1 1ms
TJ = 25 C
0.1 0.4
V GS = 0 V
0.5 0.6 0.7 0.8 0.9 1.0
0.1 1
TA = 25 C TJ = 150 C Single Pulse
10 100
10ms 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
Fig 6. On-Resistance Vs. Drain Current
IRF7464
1.6
VDS VGS
RD
I D , Drain Current (A)
1.2
D.U.T.
+
RG
-VDD
0.8
10V
Pulse Width 1 s Duty Factor 0.1 %
0.4
Fig 10a. Switching Time Test Circuit
VDS 90%
0.0 25 50 75 100 125 150
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50
10
0.20 0.10 0.05 0.02 0.01 P DM t1 t2 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100
1
0.1 0.00001
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 10. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7464
R DS (on) , Drain-to-Source On Resistance ( )
R DS(on) , Drain-to -Source On Resistance ( )
0.70
0.70
VGS = 10V 0.60
0.60
ID = 0.72A
0.50 0.0 1.0 2.0 3.0 4.0 5.0 ID , Drain Current (A)
0.50 7 8 9 10 11 12 13 14 15
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
200
EAS , Single Pulse Avalanche Energy (mJ)
VG
VGS
3mA
TOP
160
Charge
IG ID
BOTTOM
ID 0.5A 0.8A 1.2A
Current Sampling Resistors
Fig 13a&b. Basic Gate Charge Test Circuit and Waveform
120
80
15 V
V (B R )D S S tp VD S L DRIVE R
40
RG 20V IAS tp
D .U .T IA S 0.01
+ V - DD
0 25 50 75 100 125 150
A
Starting TJ , Junction Temperature ( C)
Fig 14a&b. Unclamped Inductive Test circuit and Waveforms
Fig 14c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF7464
SO-8 Package Details
D -B-
D IM
5
IN C H E S M IN .05 32 .00 40 .01 4 .00 75 .18 9 .15 0 M AX .06 88 .00 98 .01 8 .009 8 .196 .15 7
M ILLIM E T E R S M IN 1.3 5 0.1 0 0.3 6 0.19 4.80 3.8 1 M AX 1.75 0.25 0.46 0.25 4.98 3.99
A
6 5 H 0 .2 5 (.0 1 0 ) M AM
5
8 E -A-
7
A1 B C D E e e1 H K
0 .1 0 (.0 0 4 ) L 8X 6 C 8X
1
2
3
4
e 6X
e1 A
K x 4 5
.05 0 B A S IC .02 5 B A S IC .22 84 .01 1 0.16 0 .244 0 .01 9 .05 0 8
1.27 B A S IC 0 .635 B A S IC 5.8 0 0.2 8 0.4 1 0 6.20 0.48 1.27 8
-C B 8X 0 .2 5 (.0 1 0 ) A1 M CASBS
L
R E C O M M E N D E D F O O T P R IN T 0 .7 2 (.0 2 8 ) 8X
NOTES: 1 . D IM E N S IO N IN G A N D T O L E R A N C IN G P E R A N S I Y 1 4 .5 M -1 9 8 2 . 2 . C O N T R O L L IN G D IM E N S IO N : IN C H . 3 . D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 4 . O U T L IN E C O N F O R M S T O J E D E C O U T L IN E M S -0 1 2 A A . 5 D IM E N S IO N D O E S N O T IN C L U D E M O L D P R O T R U S IO N S M O L D P R O T R U S IO N S N O T T O E X C E E D 0 .2 5 (.0 0 6 ). 6 D IM E N S IO N S IS T H E L E N G T H O F L E A D F O R S O L D E R IN G T O A S U B S T R A T E ..
6 .4 6 ( .2 5 5 )
1 .7 8 (.0 7 0 ) 8X
1 .2 7 ( .0 5 0 ) 3X
SO-8 Part Marking
www.irf.com
7
IRF7464
SO-8 Tape and Reel
TER M IN AL N UM B ER 1
1 2.3 ( .484 ) 1 1.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
F EE D D IRE C TIO N
N OT E S : 1 . CO NT RO L L ING DIM E NSIO N : M IL L IM E T E R . 2 . AL L DIM E NS ION S ARE SHO W N IN M ILL IM E TER S (INC HE S ). 3 . OU TL IN E CO N FO RM S T O E IA -4 8 1 & E IA -5 4 1 .
33 0.00 (12.992) M AX .
14.4 0 ( .566 ) 12.4 0 ( .488 ) N O T ES : 1 . CO NT RO LL ING D IM EN SIO N : M ILLIME TER . 2 . O U TLIN E C O NF O RM S T O E IA-48 1 & E IA -54 1.
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 94mH
RG = 25, IAS = 1.2A.
ISD 0.72A, di/dt 130A/s, VDD V(BR)DSS,
TJ 150C
When mounted on 1 inch square copper board, t<10 sec
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTER: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 4/00
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7464

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X